Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6 Datasheet(PDF) 108 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 110Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 111Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 311 page
background image
-
-
-
-
-
-
A5
A5
-
-
D8
D8
125 125
D6
D6
PG10
I/O
FT
_s
-
LPTIM1_IN1,
OCTOSPIM_P2_IO7,
SPI3_MISO,
USART1_RX,
SDMMC2_D1,
FMC_NE3,
SAI2_FS_A,
TIM15_CH1,
EVENTOUT
-
-
-
-
-
-
-
E5
D6
-
-
G3
G3
126 126
E6
E6
PG11
I/O
FT
_s
-
LPTIM1_IN2,
OCTOSPIM_P1_IO5,
SPI3_MOSI,
USART1_CTS_NSS,
SDMMC2_D2,
SAI2_MCLK_A,
TIM15_CH2,
EVENTOUT
-
-
---
--
B6
B6
-
-
D7
D7
127 127
F6
F6
PG12
I/O
FT
_s
-
LPTIM1_ETR,
OCTOSPIM_P2_NCS
, SPI3_NSS,
USART1_RTS_DE,
SDMMC2_D3,
FMC_NE4,
SAI2_SD_A,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions