Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6 Datasheet(PDF) 99 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 311 page
background image
29
29
29
29
41
41
E3
E3
67
67
D11 D11 100 100
G8
G8
PA8
I/O
FT
_f
-
MCO, TIM1_CH1,
SAI1_CK2,
USART1_CK,
OTG_FS_SOF,
LCD_B7,
SAI1_SCK_A,
LPTIM2_OUT,
EVENTOUT
-
30
30
30
30
42
42
D3
D3
68
68
D10 D10 101 101 F10 F10
PA9
I/O
FT
_fl
u
-
TIM1_CH2,
SPI2_SCK,
DCMI_D0/PSSI_D0,
USART1_TX,
LCD_G7,
SAI1_FS_A,
TIM15_BKIN,
EVENTOUT
OTG_FS_VBUS
31
31
31
31
43
43
D2
D2
69
69
C12 C12 102 102
F9
F9
PA10
I/O
FT
_fl
u
-
TIM1_CH3, SAI1_D1,
DCMI_D1/PSSI_D1,
USART1_RX,
OTG_FS_ID,
LCD_G6,
SAI1_SD_A,
TIM17_BKIN,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions