Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6 Datasheet(PDF) 87 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 83Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 84Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 85Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 311 page
background image
-
---
--
---
-
K7
K7
53
53
M6
M6
PF13
I/O FT
-
I2C4_SMBA,
LCD_B1, FMC_A7,
EVENTOUT
-
-
---
--
---
-
J8
J8
54
54
L6
L6
PF14
I/O
FT
_f
-
I2C4_SCL,
TSC_G8_IO1,
LCD_G0, FMC_A8,
EVENTOUT
-
-
---
--
---
-
J9
J9
55
55
K6
K6
PF15
I/O
FT
_f
-
I2C4_SDA,
TSC_G8_IO2,
LCD_G1, FMC_A9,
EVENTOUT
-
-
---
--
---
-
H9
H9
56
56
J6
J6
PG0
I/O FT
-
OCTOSPIM_P2_IO4,
TSC_G8_IO3,
FMC_A10,
EVENTOUT
-
-
---
--
---
-
G9
G9
57
57
H6
H6
PG1
I/O FT
-
OCTOSPIM_P2_IO5,
TSC_G8_IO4,
FMC_A11,
EVENTOUT
-
-
-
-
-
-
-
K6
K6
38
38
M7
M7
58
58
L7
L7
PE7
I/O FT
-
TIM1_ETR,
DFSDM1_DATIN2,
LCD_B6, FMC_D4,
SAI1_SD_B,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions