Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6 Datasheet(PDF) 105 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 311 page
background image
-
-
-
-
52
52
D4
C3
79
79
C10 C10 112 112
E9
E9
PC11
I/O FT
-
DCMI_D2/PSSI_D2,
OCTOSPIM_P1_NCS
, SPI3_MISO,
USART3_RX,
UART4_RX,
TSC_G3_IO3,
DCMI_D4/PSSI_D4,
SDMMC1_D3,
SAI2_MCLK_B,
EVENTOUT
-
-
-
-
-
53
53
C4
C4
80
80
B10 B10 113 113
F8
F8
PC12
I/O FT
-
TRACED3,
SPI3_MOSI,
USART3_CK,
UART5_TX,
TSC_G3_IO4,
DCMI_D9/PSSI_D9,
LCD_R6,
SDMMC1_CK,
SAI2_SD_B,
EVENTOUT
-
-
-
-
-
-
-
B3
B3
81
81
C9
C9
114 114
B8
B8
PD0
I/O FT
-
SPI2_NSS,
CAN1_RX, LCD_B4,
FMC_D2,
EVENTOUT
-
-
-
-
-
-
-
A3
A3
82
82
B9
B9
115 115
C8
C8
PD1
I/O FT
-
SPI2_SCK,
CAN1_TX, LCD_B5,
FMC_D3,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions