Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6 Datasheet(PDF) 76 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 72Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 73Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 74Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 75Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 76Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 77Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 78Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 79Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 311 page
background image
Table 15. STM32L4P5xx pin definitions
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions
-
---
--
---
-
D3
D3
-
-
M11 M11
VSS
S
-
-
-
-
-
---
--
---
-
C4
C4
-
-
C1
C1
VDD
S
-
-
-
-
-
---
--
---
--
---
C3
C3
PI11
I/O FT
-
OCTOSPIM_P2_IO0,
PSSI_D15,
EVENTOUT
-
-
-
-
-
-
-
C8
B9
1
1
B2
B2
1
1
D3
D3
PE2
I/O
FT
_l
-
TRACECK,
TIM3_ETR,
SAI1_CK1,
TSC_G7_IO1,
LCD_R7, FMC_A23,
SAI1_MCLK_A,
EVENTOUT
-
-
---
--
B10 B10
2
2
A1
A1
2
2
D2
D2
PE3
I/O
FT
_l
-
TRACED0,
TIM3_CH1,
OCTOSPIM_P1_DQS
, TSC_G7_IO2,
LCD_R6, FMC_A19,
SAI1_SD_B,
EVENTOUT
-