Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 266 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 266 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 262Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 263Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 264Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 265Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 266Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 267Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 268Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 269Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 311 page
background image
Electrical characteristics
STM32L4P5xx
266/311
DS12903 Rev 2
Figure 60. OCTOSPI timing diagram - SDR mode
Figure 61. OCTOSPI timing diagram - DDR mode
tvr(OUT)
tvf(OUT)
Data output valid time
Voltage
Range V1
DHQC =0
-
5.75
7.75
ns
DHQC =1
Pres=1,2
...
-
Tpclk/4
+0.75
Tpclk/4
+1.5
Voltage
Range V2
DHQC =0
-
8
11
thr(OUT)
thf(OUT)
Data output hold time
Voltage
Range V1
DHQC =0
0.5
-
-
DHQC =1
Pres=1,2
...
Tpclk/4
-0.25
-
-
Voltage Range V2
DHQC=0
5-
-
1. Guaranteed by characterization results.
2. Maximum frequency values are given for an RWDS to DQ skew of maximum +/-1.0ns
3. Activating DHQC is mandatory to reach this frequency.
4. All clk/clk# pairs are in line with HyperMemory AC differential crossing voltage margins except pairs including PB10 and
PH7.
5. Data input setup time maximum does not take into account data level switching duration.
Table 116. OCTOSPI characteristics in DTR mode (with DQS)(1)/Octal and Hyperbus (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv36878V1
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CK)
tw(CKH)
tw(CKL)
tr(CK)
tf(CK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)
MSv36879V3
Data output
IO0
IO2
IO4
Clock
Data input
IO0
IO2
IO4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
IO1
IO3
IO5
IO1
IO3
IO5
tvr(OUT)
thf(OUT)
tsr(IN) thr(IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com