Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 264 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 264 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 260Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 261Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 262Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 263Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 264Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 265Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 266Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 267Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 311 page
background image
Electrical characteristics
STM32L4P5xx
264/311
DS12903 Rev 2
6.3.29
OCTOSPI characteristics
Unless otherwise specified, the parameters given in Table 115 and Table 116 for OCTOSPI
are derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 21: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 115. OCTOSPI(1) characteristics in SDR mode(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(QCK)
OCTOSPI clock
frequency
1.71 V < VDD< 3.6 V
Voltage Range V1
CLOAD = 20 pF
--
54
MHz
2.7 V < VDD< 3.6 V
Voltage Range V1
CLOAD = 20 pF
--
92
1.71 V < VDD< 3.6 V
Voltage Range V1
CLOAD = 15 pF
--
58
1.71 V < VDD< 3.6 V
Voltage Range 2
CLOAD = 20 pF
--
26
tw(CKH) OCTOSPI clock high
and low time
Even division
Prescaler[7:0] =
n = 0,1,3,5
t(CK)/2-0.5
-
t(CK)/2
ns
tw(CKL)
t(CK)/2-0.5
-
t(CK)/2
tw(CKH) OCTOSPI clock high
and low time
Odd division
Prescaler[7:0] =
n = 2,4,6,8
(n/2)*t(CK)/(n+1)- 0.5
-
(n/2)*t(CK)/(n+1)
tw(CKL)
(n/2+1)*t(CK)/(n+1) -0.5
-
(n/2+1)*t(CK)/(n+1)
ts(IN)
Data input setup time
Voltage Range V1
1
-
-
Voltage Range V2
0.5
-
-
th(IN)
Data input hold time
Voltage Range V1
4.5
-
-
Voltage Range V2
9.5
-
-
tv(OUT) Data output valid time
Voltage Range V1
-
1
3
Voltage Range V2
-
2
5
th(OUT) Data output hold time
Voltage Range V1
0
-
-
Voltage Range V2
0
-
-
1. Values in the table applies to Octal and Quad SPI mode.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com