Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 91 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 311 page
background image
-
---
--
---
--
---
N10 N10
PH8
I/O
FT
_f
-
I2C3_SDA,
OCTOSPIM_P2_IO3,
DCMI_HSYNC/PSSI_
DE, EVENTOUT
-
-
---
--
---
--
---
M9
M9
PH10
I/O FT
-
TIM5_CH1,
OCTOSPIM_P2_IO5,
DCMI_D1/PSSI_D1,
EVENTOUT
-
-
---
--
---
--
---
NC
M1
0
PH11
I/O FT (3)
TIM5_CH2,
OCTOSPIM_P2_IO6,
DCMI_D2/PSSI_D2,
EVENTOUT
-
-
---
--
---
-
F6
F6
-
-
C2
C2
VSS
S
-
-
-
-
-
---
--
---
-
G6
G6
-
-
L12 L12
VDD
S
-
-
-
-
22
-
22
-
30
-
K1
-
48
-
L11
-
70
-
M1
0
-VDD12
S
-
-
-
-
23
23
23
23
31
31
K2
K2
49
49
F12 F12
71
71
A7
A7
VSS
S
-
-
-
-
24
24
24
24
32
32
J2
K1
50
50
G12 G12
72
72
N11 N11
VDD
S
-
-
-
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions