Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 270 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 270 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 266Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 267Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 268Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 269Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 270Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 271Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 272Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 273Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 311 page
background image
Electrical characteristics
STM32L4P5xx
270/311
DS12903 Rev 2
6.3.31
Parallel slave interface (PSSI)
Unless otherwise specified, the parameters given in Table 119 for PSSI are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 21, with the following configuration:
•
PSSI_PDCK polarity: falling
•
PSSI_RDY and PSSI_DE polarity: low
•
Data format: 16 bits
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
tsu(DATA)
Data input setup time
1.71 < VDD < 3.6
Voltage range V1
3-
ns
1.71 < VDD < 3.6
Voltage range V2
4-
th(DATA)
Data hold time
1.71 < VDD < 3.6
Voltage range V1
0.5
-
1.71 < VDD < 3.6
Voltage range V2
0.5
-
tsu(HSYNC),
tsu(VSYNC)
DCMI_HSYNC/DCMI_VSYNC
input setup time
1.71 < VDD < 3.6
Voltage range V1
2-
1.71 < VDD < 3.6
Voltage range V2
3-
th(HSYNC),
th(VSYNC)
DCMI_HSYNC/DCMI_VSYNC
input hold time
1.71 < VDD < 3.6
Voltage range V1
0.5
-
1.71 < VDD < 3.6
Voltage range V2
0.5
-
1. Guaranteed by characterization results.
Table 118. DCMI characteristics(1) (continued)
Symbol
Parameter
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com