Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 263 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 263 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 259Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 260Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 261Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 262Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 263Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 264Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 265Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 266Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 311 page
background image
DS12903 Rev 2
263/311
STM32L4P5xx
Electrical characteristics
277
Figure 59. NAND controller waveforms for common memory write access
Table 113. Switching characteristics for NAND Flash read cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(N0E)
FMC_NOE low width
4THCLK-0.5 4THCLK+0.5
ns
Tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
14
-
Th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
Td(ALE-NOE)
FMC_ALE valid before FMC_NOE low
-
3THCLK-1
Th(NOE-ALE)
FMC_NOE high to FMC_ALE invalid
3THCLK-0.5
-
Table 114. Switching characteristics for NAND Flash write cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(NWE)
FMC_NWE low width
4THCLK-0.5
4THCLK+0.5
ns
Tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
5
-
Th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
2THCLK
-
Td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5THCLK-1
-
Td(ALE_NWE)
FMC_ALE valid before FMC_NWE low
-
3THCLK-1
Th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
3THCLK-0.5
-
MSv38006V1
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_NOE
FMC_D[15:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(NCE-NWE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com