Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLRC61002HN/T Datasheet(PDF) 80 Page - NXP Semiconductors

No. de pieza SLRC61002HN/T
Descripción Electrónicos  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HN/T Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button SLRC61002HN/T Datasheet HTML 76Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 77Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 78Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 79Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 80Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 81Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 82Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 83Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
9.12.2 RxCtrl
Bit
7
6
5
4
3
2
1
0
Symbol
RxAllowBits
RxMultiple
RFU
RFU
EMD_Sup
Baudrate
Access
rights
r/w
r/w
-
-
r/w
r/w
Table 150. RxCtrl register (address 35h)
Bit
Symbol
Description
7
RxAllowBits
If set, data is written into FIFO even if CRC is enabled, and no complete byte has been
received.
6
RxMultiple
If set, RxMultiple is activated and the receiver will not terminate automatically (refer
Section 7.10.3.4 "Receive command").
If set to logic 1, at the end of a received data stream an error byte is
added to the FIFO. The error byte is a copy of the Error register.
5 to 4
RFU
-
3
EMD_Sup
Enables the EMD suppression according ISO/IEC14443. If an error occurs within the
first three bytes, these three bytes are assumed to be EMD, ignored and the FIFO
is reset. A collision is treated as an error as well If a valid SOF was received, the
EMD_Sup is set and a frame of less than 3 bytes had been received. RX_IRQ is not set
in this EMD error cases. If RxForceCRCWrite is set, the FIFO should not be read out
before three bytes are written into.
2 to 0
Baudrate
Defines the baud rate of the receiving signal.
2h: 26 kBd
3h: 52 kBd
all remaining values are RFU
Table 151. RxCtrl bits
9.12.3 RxWait
Selects internal receiver settings.
Bit
7
6
5
4
3
2
1
0
Symbol
RxWaitEtu
RxWait
Access
rights
r/w
r/w
Table 152. RxWait register (address 36h)
Bit
Symbol
Description
7
RXWaitEtu
If set to 0, the RxWait time is RxWait × 16/13.56 MHz.
If set to 1, the RxWait time is RxWait × (0.5/DBFreq).
6 to 0
RxWait
Defines the time after sending, where every input is ignored.
Table 153. RxWait bits
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
80 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com