Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLRC61002HN/T Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza SLRC61002HN/T
Descripción Electrónicos  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HN/T Datasheet(HTML) 2 Page - NXP Semiconductors

  SLRC61002HN/T Datasheet HTML 1Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 2Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 3Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 4Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 5Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 6Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 7Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 8Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
2 Features and benefits
• RFID frontend
• Supports ISO/IEC15693, ICODE EPC UID and ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
• Low-power card detection
• Antenna connection with minimum number of external components
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 byte for highest transaction performance
• Flexible and efficient power saving modes including hard power down, standby and low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 3 V to 5.5 V power supply (SLRC61002)
2.5 V to 5.5 V power supply (SLRC61003)
• Up to 8 free programmable input/output pins
• The version SLRC61003 offers a more flexible configuration for Low-Power Card detection compared to the
SLRC6102 with the new register LPCD_OPTIONS. In addition, the SLRC61003 offers new additional settings
for the Load Protocol which fit very well to smaller antennas. The SLRC61003 is therefore the recommended
version for new designs
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
2 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com