Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLRC61002HN/T Datasheet(PDF) 32 Page - NXP Semiconductors

No. de pieza SLRC61002HN/T
Descripción Electrónicos  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HN/T Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SLRC61002HN/T Datasheet HTML 28Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 29Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 30Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 31Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 32Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 33Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 34Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 35Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
set_residual_carrier (decimal)
residual carrier [%]
modulation index [%]
25
55
29.0
26
50
33.3
27
45
37.9
28
40
42.9
29
35
48.1
30
30
53.8
31
25
60.0
Table 24. Setting residual carrier and modulation index by TXamp.set_residual_carrier...continued
Note: At VDD(TVDD) <5 V and residual carrier settings <50%, the accuracy of the modulation index may be low
in dependency of the antenna tuning impedance
8.6.2.1 Overshoot protection
The SLRC610 provides an overshoot protection for 100% ASK to avoid overshoots during a PCD
communication. Therefore two timers overshoot_t1 and overshoot_t2 can be used.
During the timer overshoot_t1 runs an amplitude defined by set_cw_amplitude bits is provided to the output
driver. Followed by an amplitude denoted by set_residual_carrier bits with the duration of overshoot_t2.
001aan356
2.50
3.03
3.56
4.10
time ( s)
7.0
5.0
(V)
3.0
1.0
-1.0
Figure 19. Example 1: overshoot_t1 = 2d; overhoot_t2 = 5d.
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
32 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com