Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLRC61002HN/T Datasheet(PDF) 21 Page - NXP Semiconductors

No. de pieza SLRC61002HN/T
Descripción Electrónicos  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HN/T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SLRC61002HN/T Datasheet HTML 17Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 18Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 19Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 20Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 21Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 22Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 23Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 24Page - NXP Semiconductors SLRC61002HN/T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition. In this respect, the
START (S) and repeated START (Sr) conditions are functionally identical. Therefore, the S symbol will be used
as a generic term to represent both the START and repeated START (Sr) conditions.
001aam301
START condition
S
SCL
SDA
SCL
SDA
STOP condition
P
Figure 12. START and STOP conditions
8.4.4.4 I2C byte format
Each byte has to be followed by an acknowledge bit. Data is transferred with the MSB first, see Figure 12
"START and STOP conditions". The number of transmitted bytes during one data transfer is unrestricted but
shall fulfil the read/write cycle format.
8.4.4.5 I2C Acknowledge
An acknowledge at the end of one data byte is mandatory. The acknowledge-related clock pulse is generated
by the master. The transmitter of data, either master or slave, releases the SDA line (HIGH) during the
acknowledge clock pulse. The receiver shall pull down the SDA line during the acknowledge clock pulse so that
it remains stable LOW during the HIGH period of this clock pulse.
The master can then generate either a STOP (P) condition to stop the transfer, or a repeated START (Sr)
condition to start a new transfer.
A master-receiver shall indicate the end of data to the slave- transmitter by not generating an acknowledge on
the last byte that was clocked out by the slave. The slave-transmitter shall release the data line to allow the
master to generate a STOP (P) or repeated START (Sr) condition.
001aam302
clock pulse for
acknowledgement
1
SCL FROM
MASTER
DATA OUTPUT
BY RECEIVERER
DATA OUTPUT
BY TRANSMITTER
2
8
9
acknowledge
START
condition
S
not acknowledge
Figure 13. Acknowledge on the I2C- bus
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
21 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com