Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC6078AHMS8 Datasheet(PDF) 20 Page - Linear Technology

No. de pieza LTC6078AHMS8
Descripción Electrónicos  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC6078AHMS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6078AHMS8 Datasheet HTML 12Page - Linear Technology LTC6078AHMS8 Datasheet HTML 13Page - Linear Technology LTC6078AHMS8 Datasheet HTML 14Page - Linear Technology LTC6078AHMS8 Datasheet HTML 15Page - Linear Technology LTC6078AHMS8 Datasheet HTML 16Page - Linear Technology LTC6078AHMS8 Datasheet HTML 17Page - Linear Technology LTC6078AHMS8 Datasheet HTML 18Page - Linear Technology LTC6078AHMS8 Datasheet HTML 19Page - Linear Technology LTC6078AHMS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC6078/LTC6079
20
60789fa
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0506 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC2051/LTC2052
Dual/Quad Zero-Drift Op Amps
3µV VOS, 30nV/°C VOS Drift
LT6011/LT6012
Dual/Quad Precision Op Amps
60µV VOS, IB = 300pA, IS = 135µA
TYPICAL APPLICATIO
RELATED PARTS
DC Accurate Composite Amplifier, Gain of 1000
VEE
10k
VOUT
VIN
VCC
VEE
VCC
VDD
LT1634BCS8-5
+
60789 TA06
100
10
10
10k
VSS
2.49k
2.49k
CIRCUIT BW
≈ 1.25MHz
en = 2.6nV/√Hz (RTI) AT 1kHz
CIRCUIT VOS = 25µV (MAX) RTI
1M
VSS
0.1
µF
VDD
+
LT1226
1/2
LTC6078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com