Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC6078AHMS8 Datasheet(PDF) 14 Page - Linear Technology

No. de pieza LTC6078AHMS8
Descripción Electrónicos  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC6078AHMS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6078AHMS8 Datasheet HTML 10Page - Linear Technology LTC6078AHMS8 Datasheet HTML 11Page - Linear Technology LTC6078AHMS8 Datasheet HTML 12Page - Linear Technology LTC6078AHMS8 Datasheet HTML 13Page - Linear Technology LTC6078AHMS8 Datasheet HTML 14Page - Linear Technology LTC6078AHMS8 Datasheet HTML 15Page - Linear Technology LTC6078AHMS8 Datasheet HTML 16Page - Linear Technology LTC6078AHMS8 Datasheet HTML 17Page - Linear Technology LTC6078AHMS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC6078/LTC6079
14
60789fa
TYPICAL APPLICATIO S
Precision Sample-and-Hold
Thermistor Amplifier with Overtemperature Alarm
60789 TA12
VOUT
TOV
100k
100k
29.4k
100k
0.01
µF
50k
178k
71.5k
A TO D: LTC6079, VDD = 2.7V TO 5.5V, VSS = GND
VOUT = 0 → 1V FOR 0°C TO 100°C, LINEAR
TOV → HIGH WHEN T ≥ 90°C
YSI #44201
THERMOLINEAR
NETWORK
+
C
+
B
+
D
+
A
3200
200k
H
6250
B
VDD
1k
LT1634
1.25V
GAIN TRIM
20k
143k
OFFSET TRIM
60789 TA13
VOUT
VIN
VDD
0.1
µF
9
6
ISUPPLY < 200µA
VOLTAGE DROOP = 130nV/ms TYP
SLEW RATE = 0.05V/ms TYP
ACQ TIME = 84
µs TYP TO 0.1%
S/H
+
LTC6078
A
LTC6943
14
+
LTC6078
B
7
1
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20