| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC6078AHMS8 Datasheet(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6078AHMS8 Datasheet(HTML) 8 Page - Linear Technology |
|
8 / 20 page ![]() LTC6078/LTC6079 8 60789fa CAPACITIVE LOAD (pF) 10 50 45 40 35 30 25 20 15 10 5 0 100 1000 60789 G20 VS = 5V VCM = 0.5V TA = 25°C AV = 10 AV = 1 FREQUENCY (Hz) 100 60789 G19 1k 10k 100k 1M 10M 1000 100 10 1 0.1 0.01 VS = 5V VCM = 0.5V TA = 25°C AV = 1 FREQUENCY (Hz) 100 1k 10k 100k 1M 10M 60789 G21 –100 –105 –110 –115 –120 –125 –130 –135 VS = 5V VCM = 0.5V RL = 10k TYPICAL PERFOR A CE CHARACTERISTICS Disabled Output Impedence vs Frequency Overshoot vs CL PI FU CTIO S Channel Separation vs Frequency OUT: Amplifier Output –IN: Inverting Input +IN: Noninverting Input V+: Positive Supply V–: Negative Supply ⎯S⎯H⎯D⎯N⎯_⎯A: Shutdown Pin of Amplifier A, active low and only valid for LTC6078DD. An internal current source pulls the pin to V+ when floating. ⎯S⎯H⎯D⎯N⎯_⎯B: Shutdown Pin of Amplifier B, active low and only valid for LTC6078DD. An internal current source pulls the pin to V+ when floating. NC: Not internally connected. Exposed Pad: Connected to V–. |