Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-075S024SV Datasheet(PDF) 7 Page - Inventronics Inc.

No. de pieza EBV-075S024SV
Descripción Electrónicos  75W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-075S024SV Datasheet(HTML) 7 Page - Inventronics Inc.

  EBV-075S024SV Datasheet HTML 1Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 2Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 3Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 4Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 5Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 6Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 7Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 / 8
Specifications are subject to changes without notice.
75W Constant Voltage IP67 Driver
EBV-075SxxxSV
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Mechanical Outline
PROJ:
Unspecified tolerance:±1
V+ (BROWN)
V- (BLUE)
OUTPUT (VDE H05RN-F 2*1.0mm 2 6.8)
AC/L (BROWN)
AC/N (BLUE)
GND (YELLOW/GREEN)
INPUT (VDE H05RN-F 3*1.0mm 2 7.2)
Tc
RoHS Compliance
Our products comply with the European Directive 2011/65/EU, calling for the elimination of lead and other
hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com