Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-075S024SV Datasheet(PDF) 6 Page - Inventronics Inc.

No. de pieza EBV-075S024SV
Descripción Electrónicos  75W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-075S024SV Datasheet(HTML) 6 Page - Inventronics Inc.

  EBV-075S024SV Datasheet HTML 1Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 2Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 3Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 4Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 5Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 6Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 7Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 / 8
Specifications are subject to changes without notice.
75W Constant Voltage IP67 Driver
EBV-075SxxxSV
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Power Factor
Total Harmonic Distortion
Protection Functions
Parameter
Notes
Over Current Protection
Auto Recovery. The driver shall be self-recovery when the fault condition is removed.
Over Voltage Protection
Limits output voltage at no load and in case the normal voltage limit fails.
Short Circuit Protection
Auto Recovery. No damage will occur when any output is short circuited. The output
shall return to normal when the fault condition is removed.
Over Temperature Protection
Auto Recovery. Returning to normal after over temperature is removed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com