Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-075S024SV Datasheet(PDF) 1 Page - Inventronics Inc.

No. de pieza EBV-075S024SV
Descripción Electrónicos  75W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-075S024SV Datasheet(HTML) 1 Page - Inventronics Inc.

  EBV-075S024SV Datasheet HTML 1Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 2Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 3Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 4Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 5Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 6Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 7Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 / 8
Specifications are subject to changes without notice.
75W Constant Voltage IP67 Driver
EBV-075SxxxSV
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EBV-075SxxxSV series is a 75W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
Models
Output
Voltage
Input
Voltage
Range(1)
Output
Current
Range
Max.
Output
Power(2)
Typical
Efficiency
(3)
Power Factor
Model Number(4)(5)
220Vac
24 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 3.2 A
75 W
88.0%
0.96
EBV-075S024SV
36 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 2.1 A
75 W
89.0%
0.96
EBV-075S036SV
48 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 1.6 A
75 W
90.0%
0.96
EBV-075S048SV
Notes: (1) CCC certified input voltage range: 220/230/240 Vac; other certified input voltage range except CCC: 200-240
Vac or 190-250Vdc (except KS and BIS).
(2) Operating input voltage range: 90-305Vac, and 90-176Vac is for safety operation (see below “Derating” curve
for details)
(3) Measured at 100% load and 220Vac input (see below “General Specifications” for details).
(4) SELV output.
(5) For BIS models add suffix -3000.
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
176 Vac
-
305 Vac
190 ~ 250 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.70 mA
IEC60598-1; 240Vac/60Hz

Input AC Current
-
-
0.44 A
Measured at 100% load and 220Vac input.
High Efficiency (up to 90%)
Constant Voltage Output
No-Load Power < 0.5 W
Input Surge Protection: 4kV line-line, 6kV line-earth
All-Around Protection: OCP, OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Suitable for Independent Use
5 Years Warranty


Número de pieza similar - EBV-075S024SV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EBV-072S024SVF INVENTRONICS-EBV-072S024SVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
EBV-072S036SVF INVENTRONICS-EBV-072S036SVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
EBV-072S048SVF INVENTRONICS-EBV-072S048SVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
EBV-072SXXXSVF INVENTRONICS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
More results

Descripción similar - EBV-075S024SV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EUK-075SXXXDVTV INVENTRONICS-EUK-075SXXXDVTV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
EUK-075SXXXDT INVENTRONICS-EUK-075SXXXDT Datasheet
1Mb / 13P
75W Programmable IP67 Driver
Rev. C
EBC-075SXXXSV-000X INVENTRONICS-EBC-075SXXXSV-000X Datasheet
199Kb / 8P
75W Constant Current IP67 Driver
Rev. D
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
EUC-075S070DD INVENTRONICS-EUC-075S070DD Datasheet
870Kb / 9P
75W Class II Constant Current IP67 Driver
Rev. E
EUC-075S070DVY INVENTRONICS-EUC-075S070DVY Datasheet
586Kb / 9P
75W Constant Current IP67 Driver for Extreme Cold
Rev. B
EUC-075SXXXDT INVENTRONICS-EUC-075SXXXDT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com