Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-075S024SV Datasheet(PDF) 3 Page - Inventronics Inc.

No. de pieza EBV-075S024SV
Descripción Electrónicos  75W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-075S024SV Datasheet(HTML) 3 Page - Inventronics Inc.

  EBV-075S024SV Datasheet HTML 1Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 2Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 3Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 4Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 5Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 6Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 7Page - Inventronics Inc. EBV-075S024SV Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 / 8
Specifications are subject to changes without notice.
75W Constant Voltage IP67 Driver
EBV-075SxxxSV
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 100%RH
Dimensions
Inches (L × W × H)
Millimeters ((L × W × H)
3.74 x 2.66 x 1.44
95 x 67.5 x 36.5
4.57 x 2.66 x 1.44
116 x 67.5 x 36.5
Net Weight
-
520 g
-
Note: All specifications are typical at 25
C unless otherwise stated.
Safety & EMC Compliance
Safety Category
Standard
CE & ENEC
EN 61347-1, EN61347-2-13
CB
IEC 61347-1, IEC 61347-2-13
CCC
GB 19510.1, GB 19510.14
BIS
IS 15885(PART2/SEC13)
KS
KS C 7655
EMI Standards
Notes
EN 55015/GB 17743
(1)
Conducted emission Test &Radiated emission Test
EN 61000-3-2/GB 17625.1
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: line to line 4 kV, line to earth 6 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
Note: (1) This LED driver meets the EMI specifications above, but EMI performance of a luminaire that contains it
depends also on the other devices connected to the driver and on the fixture itself.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com