Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICSSSTUAF32868B Datasheet(PDF) 20 Page - Renesas Technology Corp

No. de pieza ICSSSTUAF32868B
Descripción Electrónicos  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 18Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 19Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 20Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 21Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 22Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
20
ICSSSTUAF32868B
7102/2
Package Outline and Package Dimensions - BGA
Package dimensions are kept current with JEDEC Publication No. 95
SEATING
PLANE
0.12
C
C
A
B
C
D
A1
D
E
TOP VIEW
T
hTYP
dTYP
43
2
1
Numeric Designations
for Horizontal Grid
bREF
cREF
TYP
-e-
TYP
-e-
D1
E1
Alpha Designations
for Vertical Grid
(Letters I, O, Q, and
S not used)
ALL DIMENSIONS IN MILLIMETERS
D
15.00 Bsc
E
6.00 Bsc
T
Min/Max
0.94/1.20
e
0.65 Bsc
d
Min/Max
0.35/0.45
h
Min/Max
0.25/0.35
D1
13.65 Bsc
E1
4.55 Bsc
b
0.675
c
0.725
BALL GRID
REF. DIMS
NOTE: Ball grid total indicates maximum ball count for package. Lesser quantity may be used.
* Source Ref.: JEDEC Publication 95, MO-205*, MO-255**, MO-246***
10-0055
Horiz
8
Vert
22
Total
176
***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com