Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICSSSTUAF32868B Datasheet(PDF) 14 Page - Renesas Technology Corp

No. de pieza ICSSSTUAF32868B
Descripción Electrónicos  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
14
ICSSSTUAF32868B
7102/2
Timing Requirements Over Recommended Operating Free-Air Temperature
Range
Switching Characteristics Over Recommended Free Air Operating Range
(unless otherwise noted)
Symbol
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
fCLOCK
Clock Frequency
410
MHz
tW
Pulse Duration, CLK, CLK HIGH or LOW
1
ns
tACT1,2
1
This parameter is not production tested.
2
VREF must be held at a valid input voltage level and data inputs must be held at valid voltage levels for
a minimum time of tACT (max) after RESET is taken HIGH.
Differential Inputs Active Time
10
ns
tINACT1,3
3
VREF data and clock inputs must be held at valid input voltage levels (not floating) for a minimum time
of tINACT (max) after RESET is taken LOW.
Differential Inputs Inactive Time
15
ns
tSU
Setup
Time
DCS0 before CLK
↑, CLK↓, DCS1 and CSGEN HIGH;
DCS1 before CLK
↑, CLK↓, DCS0 and CSGEN HIGH;
0.7
ns
DCS0 before CLK
↑, CLK↓, DCS1 LOW and CSGEN
HIGH or LOW; DCS1 before CLK
↑, CLK↓, DCS0
LOW and CSGEN HIGH or LOW
0.5
ns
DODTn, DCKEn, PAR_IN, and data before CLK
↑,
CLK
0.5
ns
tH
Hold
Time
DCSn, DODT,n DCKEn, and data after CLK
↑, CLK↓
0.5
ns
PAR_IN after CLK
↑, CLK↓
0.5
ns
Symbol
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
fMAX
Max Input Clock Frequency
410
MHz
tPDM
Propagation Delay, single bit switching, CLK
↑ / CLK↓ to Qn
1.3
1.9
ns
tPDMSS
Propagation Delay, simultaneous switching, CLK
↑ / CLK↓ to Qn
2
ns
tLH
LOW to HIGH Propagation Delay, CLK
↑ / CLK↓ to QERR
0.9
3
ns
tHL
HIGH to LOW Propagation Delay, CLK
↑ / CLK↓ to QERR
0.7
2.4
ns
tPLH
HIGH to LOW Propagation Delay, RESET
↓ to Qn↓
3ns
tPHL
LOW to HIGH Propagation Delay, RESET
↓ to QERR↑
3ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com