Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICSSSTUAF32868B Datasheet(PDF) 12 Page - Renesas Technology Corp

No. de pieza ICSSSTUAF32868B
Descripción Electrónicos  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
12
ICSSSTUAF32868B
7102/2
Operating Characteristics, TA = 25
°C
The RESET and Cn inputs of the device must be held at valid levels (not floating) to ensure proper device operation.
The differential inputs must not be floating unless RESET is Low.
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
I/O Supply Voltage
1.7
1.8
1.9
V
VREF
Reference Voltage
0.49 * VDD
0.5 * VDD
0.51 * VDD
V
VTT
Termination Voltage
VREF - 0.04
VREF
VREF + 0.04
V
VI
Input Voltage
0
VDD
V
VIH
AC High-Level Input Voltage
Data CSR
and
PAR_IN
inputs
VREF + 0.25
V
VIL
AC Low-Level Input Voltage
VREF - 0.25
VIH
DC High-Level Input Voltage
VREF + 0.125
VIL
DC Low-Level Input Voltage
VREF - 0.125
VIH
High-Level Input Voltage
RESET,
C0, C1
0.65 * VDDQ
V
VIL
Low-Level Input Voltage
0.35 * VDDQ
VICR
Common Mode Input Range
CLK, CLK
0.675
1.125
V
VID
Differential Input Voltage
600
mV
IOH
High-Level Output Current
-6
mA
IOL
Low-Level Output Current
6
TA
Operating Free-Air Temperature
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com