Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT610035NK Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

No. de pieza PHPT610035NK
Descripción Electrónicos  NPN/NPN high power double bipolar transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHPT610035NK Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PHPT610035NK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 9Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 10Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 11Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 12Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Nexperia
PHPT610035NK
NPN/NPN high power double bipolar transistor
11. Test information
006aaa003
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
Fig. 12. BISS transistor switching time definition
RC
R2
R1
DUT
mlb826
Vo
RB
(probe)
450 Ω
(probe)
450 Ω
oscilloscope
oscilloscope
VBB
VI
VCC
Fig. 13. Test circuit for switching times
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
PHPT610035NK
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
10 September 2020
9 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com