Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT610035NK Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

No. de pieza PHPT610035NK
Descripción Electrónicos  NPN/NPN high power double bipolar transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHPT610035NK Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PHPT610035NK Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 9Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 10Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 11Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
PHPT610035NK
NPN/NPN high power double bipolar transistor
aaa-010263
IC (mA)
10-1
104
103
1
102
10
10-2
10-1
1
10
VCEsat
(V)
10-3
(1)
(3)
(2)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 8. Collector-emitter saturation voltage as a
function of collector current; typical values
aaa-010264
IC (mA)
10-1
104
103
1
102
10
10-2
10-1
1
10
VCEsat
(V)
10-3
(1)
(3)
(2)
Tamb = 25 °C
(1) IC/IB = 50
(2) IC/IB = 20
(3) IC/IB = 10
Fig. 9. Collector-emitter saturation voltage as a
function of collector current; typical values
IC (mA)
10-1
104
103
1
102
10
aaa-010266
1
10-1
102
10
103
RCEsat
(Ω)
10-2
(1)
(1)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 10. Collector-emitter saturation resistance as a
function of collector current; typical values
IC (mA)
10-1
104
103
1
102
10
aaa-010268
1
10-1
102
10
103
RCEsat
(Ω)
10-2
(1)
(3)
(2)
Tamb = 25 °C
(1) IC/IB = 50
(2) IC/IB = 20
(3) IC/IB = 10
Fig. 11. TR1 (NPN): Collector-emitter saturation
resistance as a function of collector current;
typical values
PHPT610035NK
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
10 September 2020
8 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com