Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT610035NK Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

No. de pieza PHPT610035NK
Descripción Electrónicos  NPN/NPN high power double bipolar transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHPT610035NK Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PHPT610035NK Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 9Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 10Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
PHPT610035NK
NPN/NPN high power double bipolar transistor
aaa-010261
200
100
300
400
hFE
0
IC (mA)
10-1
104
103
1
102
10
(1)
(3)
(2)
VCE = 10 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 4. DC current gain as a function of collector
current; typical values
VCE (V)
0
5
4
2
3
1
aaa-010267
1
2
3
IC
(A)
0
40
35
45
20
25
30
15
10
5
IB = 50 mA
Tamb = 25 °C
Fig. 5. Collector current as a function of collector-
emitter voltage; typical values
aaa-010262
0.8
0.4
0.6
0.2
1.0
1.2
1.4
VBE
(V)
0
IC (mA)
10-1
104
103
1
102
10
(1)
(3)
(2)
VCE = 2 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 6. Base-emitter voltage as a function of collector
current; typical values
aaa-010265
0.6
0.8
0.4
1.0
1.2
VBEsat
(V)
0.2
IC (mA)
10-1
104
103
1
102
10
(1)
(3)
(2)
IC/IB = 20
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 7. Base-emitter saturation voltage as a function of
collector current; typical values
PHPT610035NK
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
10 September 2020
7 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com