Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT610035NK Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

No. de pieza PHPT610035NK
Descripción Electrónicos  NPN/NPN high power double bipolar transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHPT610035NK Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PHPT610035NK Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHPT610035NK Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
PHPT610035NK
NPN/NPN high power double bipolar transistor
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
[1]
-
-
150
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
-
62.5
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
6
K/W
Per device
[1]
-
-
120
K/W
[2]
-
-
50
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[3]
-
-
30
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[3] Device mounted on a ceramic PCB, Al2O3, standard footprint.
aaa-014342
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 2. Per transistor: transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
PHPT610035NK
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
10 September 2020
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com