Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 124 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 120Page - STMicroelectronics STM32U595QJ Datasheet HTML 121Page - STMicroelectronics STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics STM32U595QJ Datasheet HTML 125Page - STMicroelectronics STM32U595QJ Datasheet HTML 126Page - STMicroelectronics STM32U595QJ Datasheet HTML 127Page - STMicroelectronics STM32U595QJ Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 377 page
background image
-
37
M757
U5
V6
J7
T17
P9
-
40M760
J7
PE9
I/O
FT_hv
-
TIM1_CH1,
ADF1_CCK0,
MDF1_CCK0,
LCD_G2,
OCTOSPIM_P1_NCLK
, FMC_D6,
SAI1_FS_B,
EVENTOUT
-
-
-
-
58
AA7
C11
-
E4
F6
-
-
-
61
-
VSS
S
-
-
-
-
-
-
J4
59
AC7
AC1
-
T15
L7
-
-
J4
62
-
VDD
S
-
-
-
-
-
38
J7
60
Y6
R5
H8 M13 P10
-
41
J7
63
H8
PE10
I/O FT_hav
-
TIM1_CH2N,
ADF1_SDI0,
MDF1_SDI4, LCD_G3,
TSC_G5_IO1,
OCTOSPIM_P1_CLK,
FMC_D7,
SAI1_MCLK_B,
EVENTOUT
-
-
39
L7
61
W5
U5
M8 P15 P11
-
42
L7
64
M8
PE11
I/O
FT_ha
-
TIM1_CH2, SPI1_RDY,
MDF1_CKI4, LCD_G4,
TSC_G5_IO2,
OCTOSPIM_P1_NCS,
FMC_D8, EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions