Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 120 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 116Page - STMicroelectronics STM32U595QJ Datasheet HTML 117Page - STMicroelectronics STM32U595QJ Datasheet HTML 118Page - STMicroelectronics STM32U595QJ Datasheet HTML 119Page - STMicroelectronics STM32U595QJ Datasheet HTML 120Page - STMicroelectronics STM32U595QJ Datasheet HTML 121Page - STMicroelectronics STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 377 page
background image
23
31
K3
42
Y10
P8
J5
R22
R5
23
32
K3
43
J5
PA7
I/O
FT_fha
-
SRDSTOP,
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
I2C3_SCL,
SPI1_MOSI(boot),
USART3_TX,
OCTOSPIM_P1_IO2,
LPTIM2_CH2,
TIM17_CH1,
EVENTOUT
OPAMP2
_VINM,
ADC1_IN12,
ADC2_IN12,
ADC4_IN20,
WKUP8
-
-
M3
-
AC11
T8
L4
T23
R6
24
33
M3
44
L4
PC4
I/O
FT_ha
-
I2C6_SMBA,
USART3_TX,
OCTOSPIM_P1_IO7,
EVENTOUT
COMP1
_INM2,
ADC1_IN13,
ADC2_IN13,
ADC4_IN22
-
-
J3
-
N7
N7
M4 P19
P6
25
34
J3
45
M4
PC5
I/O
FT_at
-
TIM1_CH4N, SAI1_D3,
PSSI_D15,
USART3_RX,
EVENTOUT
COMP1
_INP1,
ADC1_IN14,
ADC2_IN14,
ADC4_IN23,
WKUP5,
TAMP_IN4/T
AMP_OUT5
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions