Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 126 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics STM32U595QJ Datasheet HTML 125Page - STMicroelectronics STM32U595QJ Datasheet HTML 126Page - STMicroelectronics STM32U595QJ Datasheet HTML 127Page - STMicroelectronics STM32U595QJ Datasheet HTML 128Page - STMicroelectronics STM32U595QJ Datasheet HTML 129Page - STMicroelectronics STM32U595QJ Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 377 page
background image
27
44
K9
66
W3
W5
K9
T13 N12
29
47
K9
69
K9
PB10
I/O
FT_fhv
-
TIM2_CH3,
LPTIM3_CH1,
I2C4_SCL,
I2C2_SCL(boot),
SPI2_SCK,
USART3_TX,
LPUART1_RX,
TSC_SYNC,
OCTOSPIM_P1_CLK,
LPGPIO1_P4,
COMP1_OUT,
SAI1_SCK_A,
EVENTOUT
WKUP8
-
45
L9
67
AA3
AA5
L9
R10 M10
-
-
L9
-
L9
PB11
I/O
FT_fh
-
TIM2_CH4, I2C4_SDA,
I2C2_SDA(boot),
SPI2_RDY,
USART3_RX,
LPUART1_TX,
OCTOSPIM_P1_NCS,
COMP2_OUT,
EVENTOUT
-
28
46 M10
68
AC5
AC5
N9
T11 R11
-
-
-
-
-
VLXSMPS
S
-
-
-
-
29
47
M9
69
AB4
AB4
N10
T9
R12
-
-
-
-
-
VDDSMPS
S
-
-
-
-
30
48
L10
70
AC3
AC3 M10 R8
P12
-
-
-
-
-
VSSSMPS
S
-
-
-
-
-
-
-
-
-
-
-
-
-
30
48
L10
70
N11
VCAP
S
-
-
-
-
31
49 M11
71
AB2
AB2
N11
T3
R13
-
-
-
-
-
VDD11
S
-
-
-
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions