Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 121 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 117Page - STMicroelectronics STM32U595QJ Datasheet HTML 118Page - STMicroelectronics STM32U595QJ Datasheet HTML 119Page - STMicroelectronics STM32U595QJ Datasheet HTML 120Page - STMicroelectronics STM32U595QJ Datasheet HTML 121Page - STMicroelectronics STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics STM32U595QJ Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 377 page
background image
24
32
M4
43
T8
Y10
K5
H13
N6
26
35
M4
46
K5
PB0
I/O
TT_ha
-
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
LPTIM3_CH1,
SPI1_NSS,
USART3_CK,
OCTOSPIM_P1_IO1,
LPGPIO1_P9,
COMP1_OUT,
AUDIOCLK,
EVENTOUT
OPAMP2
_VOUT,
ADC1_IN15,
ADC2_IN15,
ADC4_IN18
25
33
L4
44
W9
W9
N5
L14
M6
27
36
L4
47
N5
PB1
I/O
FT_ha
-
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
LPTIM3_CH2,
MDF1_SDI0,
USART3_RTS_DE,
LPUART1_RTS_DE,
OCTOSPIM_P1_IO0,
LPGPIO1_P3,
LPTIM2_IN1,
EVENTOUT
COMP1
_INM1,
ADC1_IN16,
ADC2_IN16,
ADC4_IN19,
WKUP4
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions