Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 127 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics STM32U595QJ Datasheet HTML 125Page - STMicroelectronics STM32U595QJ Datasheet HTML 126Page - STMicroelectronics STM32U595QJ Datasheet HTML 127Page - STMicroelectronics STM32U595QJ Datasheet HTML 128Page - STMicroelectronics STM32U595QJ Datasheet HTML 129Page - STMicroelectronics STM32U595QJ Datasheet HTML 130Page - STMicroelectronics STM32U595QJ Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 377 page
background image
32
50
E9
72
AA1
C3
M11
F3
F7
31
49
E9
71
M11
VSS
S
-
-
-
-
33
51
D4
73
AC1
AC11 N12
P1
L8
32
50
D4
72
N12
VDD
S
-
-
-
-
--
-
-
-
-
-T1-
-
-
-
-
-
VDD
S
-
-
-
-
-
-
L11
-
Y2
AA3
L10
T5
M11
33
51
L11
73
L10
PB12
I/O FT_hav
-
TIM1_BKIN,
I2C6_SMBA,
I2C2_SMBA,
SPI2_NSS(boot),
MDF1_SDI1,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1,
OCTOSPIM_P1_NCLK
, SAI2_FS_A,
TIM15_BKIN,
EVENTOUT
-
34
52 K10
74
R5
Y4
N13
T7
M12
34
52
K10
74
N13
PB13
I/O
FT_fa
-
TIM1_CH1N,
LPTIM3_IN1,
I2C2_SCL,
SPI2_SCK(boot),
MDF1_CKI1,
USART3_CTS,
LPUART1_CTS,
TSC_G1_IO2,
SAI2_SCK_A,
TIM15_CH1N,
EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions