Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H7A3VG Datasheet(PDF) 35 Page - STMicroelectronics

No. de pieza STM32H7A3VG
Descripción Electrónicos  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 31Page - STMicroelectronics STM32H7A3VG Datasheet HTML 32Page - STMicroelectronics STM32H7A3VG Datasheet HTML 33Page - STMicroelectronics STM32H7A3VG Datasheet HTML 34Page - STMicroelectronics STM32H7A3VG Datasheet HTML 35Page - STMicroelectronics STM32H7A3VG Datasheet HTML 36Page - STMicroelectronics STM32H7A3VG Datasheet HTML 37Page - STMicroelectronics STM32H7A3VG Datasheet HTML 38Page - STMicroelectronics STM32H7A3VG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 237 page
background image
5
Pin descriptions
Figure 4. LQFP64 (STM32H7A3xI/G without SMPS) pinout
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
VBAT
PC14-OSC32_IN
PC15-OSC32_OUT
PH0-OSC_IN
PH1-OSC_OUT
NRST
PC0
PC1
PC2
PC3
VSSA
VDDA
PA0
PA1
PA2
PC13
48
46
45
44
43
42
41
40
39
38
37
36
35
34
33
47
VDD
VCAP
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC7
PC6
PB15
PB14
PB13
PB12
VSS
LQFP64
1.
The above figure shows the package top view.
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 35/237