Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H7A3VG Datasheet(PDF) 75 Page - STMicroelectronics

No. de pieza STM32H7A3VG
Descripción Electrónicos  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 71Page - STMicroelectronics STM32H7A3VG Datasheet HTML 72Page - STMicroelectronics STM32H7A3VG Datasheet HTML 73Page - STMicroelectronics STM32H7A3VG Datasheet HTML 74Page - STMicroelectronics STM32H7A3VG Datasheet HTML 75Page - STMicroelectronics STM32H7A3VG Datasheet HTML 76Page - STMicroelectronics STM32H7A3VG Datasheet HTML 77Page - STMicroelectronics STM32H7A3VG Datasheet HTML 78Page - STMicroelectronics STM32H7A3VG Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 237 page
background image
Table 15. Port H alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/
PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/
TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/SPI4/5/
SPI6/I2S6
DFSDM1/2/I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/SPI2/
I2S2/SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/LCD
/OCTOSPIM_P1/2/
SDMMC2/SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/SAI2/
SDMMC2/TIM8
DFSDM1/2/
I2C4/LCD/
MDIOS/
OCTOSPIM_P1/
SDMMC2/
SWPMI1/TIM1/8/
UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/TIM1
LCD/
UART5
SYS
PH0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PH1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PH2
-
LPTIM1_IN2
-
-
-
-
-
-
-
OCTOSPIM_P1_IO4
SAI2_SCK_B
-
FMC_SDCKE0
-
LCD_R0
EVENTOUT
PH3
-
-
-
-
-
-
-
-
-
OCTOSPIM_P1_IO5
SAI2_MCK_B
-
FMC_SDNE0
-
LCD_R1
EVENTOUT
PH4
-
-
-
-
I2C2_SCL
-
-
-
-
LCD_G5
OTG_HS_
ULPI_NXT
-
-
PSSI_D14
LCD_G4
EVENTOUT
PH5
-
-
-
-
I2C2_SDA
SPI5_SS
-
-
-
-
-
-
FMC_SDNWE
-
-
EVENTOUT
PH6
-
-
TIM12_CH1
-
I2C2_SMBA
SPI5_SCK
-
-
-
-
-
-
FMC_SDNE1
DCMI_D8/
PSSI_D8
-
EVENTOUT
PH7
-
-
-
-
I2C3_SCL
SPI5_MISO
-
-
-
-
-
-
FMC_SDCKE1
DCMI_D9/
PSSI_D9
-
EVENTOUT
PH8
-
-
TIM5_ETR
-
I2C3_SDA
-
-
-
-
-
-
-
FMC_D16
DCMI_HSYNC/
PSSI_DE
LCD_R2
EVENTOUT
PH9
-
-
TIM12_CH2
-
I2C3_SMBA
-
-
-
-
-
-
-
FMC_D17
DCMI_D0/
PSSI_D0
LCD_R3
EVENTOUT
PH10
-
-
TIM5_CH1
-
I2C4_SMBA
-
-
-
-
-
-
-
FMC_D18
DCMI_D1/
PSSI_D1
LCD_R4
EVENTOUT
PH11
-
-
TIM5_CH2
-
I2C4_SCL
-
-
-
-
-
-
-
FMC_D19
DCMI_D2/
PSSI_D2
LCD_R5
EVENTOUT
PH12
-
-
TIM5_CH3
-
I2C4_SDA
-
-
-
-
-
-
-
FMC_D20
DCMI_D3/
PSSI_D3
LCD_R6
EVENTOUT
PH13
-
-
-
TIM8_CH1N
-
-
-
-
UART4_TX
FDCAN1_TX
-
-
FMC_D21
-
LCD_G2
EVENTOUT
PH14
-
-
-
TIM8_CH2N
-
-
-
-
UART4_RX
FDCAN1_RX
-
-
FMC_D22
DCMI_D4/
PSSI_D4
LCD_G3
EVENTOUT
PH15
-
-
-
TIM8_CH3N
-
-
-
-
-
-
-
-
FMC_D23
DCMI_D11/
PSSI_D11
LCD_G4
EVENTOUT