Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H7A3VG Datasheet(PDF) 50 Page - STMicroelectronics

No. de pieza STM32H7A3VG
Descripción Electrónicos  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 46Page - STMicroelectronics STM32H7A3VG Datasheet HTML 47Page - STMicroelectronics STM32H7A3VG Datasheet HTML 48Page - STMicroelectronics STM32H7A3VG Datasheet HTML 49Page - STMicroelectronics STM32H7A3VG Datasheet HTML 50Page - STMicroelectronics STM32H7A3VG Datasheet HTML 51Page - STMicroelectronics STM32H7A3VG Datasheet HTML 52Page - STMicroelectronics STM32H7A3VG Datasheet HTML 53Page - STMicroelectronics STM32H7A3VG Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
G3
H2
22
H3
-
-
-
14
J3
20
J2
PF4
I/O
FT_h2
OCTOSPIM_P2_CLK,
FMC_A4, EVENTOUT
-
-
-
-
-
F5
H3
23
J2
-
-
-
15
K3
21
K3
PF5
I/O
FT_h2
OCTOSPIM_P2_NCLK,
FMC_A5, EVENTOUT
-
-
F5
18
F11
B7
E1
24
H6
-
C2
10
16
G2
22
H6
VSS
S
-
-
-
-
F6
19
-
A7
E4
25
J6
-
D2
11
17
G3
23
H5
VDD
S
-
-
-
-
-
20
-
G4
H1
26
J3
-
-
-
18
K2
24
K2
PF6
I/O
FT_h1
TIM16_CH1,
SPI5_SS, SAI1_SD_B,
UART7_Rx,
OCTOSPIM_P1_IO3,
EVENTOUT
-
-
-
21
-
F6
J3
27
J4
-
-
-
19
K1
25
K1
PF7
I/O
FT_h1
TIM17_CH1,
SPI5_SCK,
SAI1_MCLK_B,
UART7_Tx,
OCTOSPIM_P1_IO2,
EVENTOUT
-
-
-
22
-
H4
J2
28
K1
-
-
-
20
L3
26
L3
PF8
I/O
FT_h1
TIM16_CH1N,
SPI5_MISO,
SAI1_SCK_B,
UART7_RTS,
TIM13_CH1,
OCTOSPIM_P1_IO0,
EVENTOUT
-
-
-
23
-
G5
J4
29
K2
-
-
-
21
L2
27
L2
PF9
I/O
FT_h1
TIM17_CH1N,
SPI5_MOSI,
SAI1_FS_B,
UART7_CTS,
TIM14_CH1,
OCTOSPIM_P1_IO1,
EVENTOUT
-
-
-
24
-
H3
K3
30
M3
-
-
-
22
L1
28
L1
PF10
I/O
FT_h1
TIM16_BKIN,
SAI1_D3, PSSI_D15,
OCTOSPIM_P1_CLK,
DCMI_D11/PSSI_D11,
LCD_DE, EVENTOUT
-
13
G1
25
G11
H1
J1
31
L1
5
C1
12
23
G1
29
G1
PH0-
OSC_IN(PH0)
I/O
FT
EVENTOUT
OSC_IN
14
G2
26
H12
H2
K1
32
L2
6
D1
13
24
H1
30
H1
PH1-
OSC_OUT
(PH1)
I/O
FT
EVENTOUT
OSC_OUT
15
F2
27
F10
G6
L1
33
K3
7
E1
14
25
J1
31
J1
NRST
I/O
RST
-
-
16
F3
28
G10
J1
L2
34
L3
8
F1
15
26
M2
32
M2
PC0
I/O
FT_a
DFSDM1_CKIN0,
DFSDM1_DATIN4,
SAI2_FS_B, FMC_A25,
OTG_HS_ULPI_STP,
LCD_G2,
FMC_SDNWE,
LCD_R5, EVENTOUT
ADC12_INP10
17
F1
29
H11
J2
L3
35
M2
9
F2
16
27
M3
33
M3
PC1
I/O
FT_ah0
TRACED0, SAI1_D1,
DFSDM1_DATIN0,
DFSDM1_CKIN4,
SPI2_MOSI/I2S2_SDO,
SAI1_SD_A,
SDMMC2_CK,
OCTOSPIM_P1_IO4,
MDIOS_MDC,
LCD_G5, EVENTOUT
ADC12_INP11,
ADC12_INN10,
TAMP_IN3,
WKUP6
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 50/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com