Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H7A3VG Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza STM32H7A3VG
Descripción Electrónicos  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 65Page - STMicroelectronics STM32H7A3VG Datasheet HTML 66Page - STMicroelectronics STM32H7A3VG Datasheet HTML 67Page - STMicroelectronics STM32H7A3VG Datasheet HTML 68Page - STMicroelectronics STM32H7A3VG Datasheet HTML 69Page - STMicroelectronics STM32H7A3VG Datasheet HTML 70Page - STMicroelectronics STM32H7A3VG Datasheet HTML 71Page - STMicroelectronics STM32H7A3VG Datasheet HTML 72Page - STMicroelectronics STM32H7A3VG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 237 page
background image
Table 9. Port B alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/
SPI4/5/
SPI6/I2S6
DFSDM1/2/I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/SPI2/
I2S2/SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/LC
D/OCTOSPIM_P1/2/
SDMMC2/
SPDIFRX1/TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/
SAI2/SDMMC2/
TIM8
DFSDM1/2/
I2C4/LCD/MDIOS/
OCTOSPIM_P1/
SDMMC2/SWPMI1/
TIM1/8/UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/TIM1
LCD/
UART5
SYS
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_CH2N
DFSDM2_CKOUT
-
DFSDM1_CKOUT
-
UART4_CTS
LCD_R3
OTG_HS_
ULPI_D1
OCTOSPIM_P1_IO1
-
-
LCD_G1
EVENTOUT
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_CH3N
-
-
DFSDM1_DATIN1
-
-
LCD_R6
OTG_HS_
ULPI_D2
OCTOSPIM_
P1_IO0
-
-
LCD_G0
EVENTOUT
PB2
RTC_OUT2
-
SAI1_D1
-
DFSDM1_CKIN1
-
SAI1_SD_A
SPI3_MOSI/
I2S3_SDO
-
OCTOSPIM_P1_CLK
OCTOSPIM_
P1_DQS
-
-
-
-
EVENTOUT
PB3
JTDO/
TRACESWO
TIM2_CH2
-
-
-
SPI1_SCK/
I2S1_CK
SPI3_SCK/
I2S3_CK
-
SPI6_SCK/
I2S6_CK
SDMMC2_D2
CRS_SYNC
UART7_RX
-
-
-
EVENTOUT
PB4
NJTRST
TIM16_BKIN
TIM3_CH1
-
-
SPI1_MISO/
I2S1_SDI
SPI3_MISO/
I2S3_SDI
SPI2_SS/
I2S2_WS
SPI6_MISO/
I2S6_SDI
SDMMC2_D3
-
UART7_TX
-
-
-
EVENTOUT
PB5
-
TIM17_BKIN
TIM3_CH2
-
I2C1_SMBA
SPI1_MOSI/
I2S1_SDO
I2C4_SMBA
SPI3_MOSI/
I2S3_SDO
SPI6_MOSI/
I2S6_SDO
FDCAN2_RX
OTG_HS_
ULPI_D7
LCD_B5
FMC_SDCKE1
DCMI_D10/
PSSI_D10
UART5_RX
EVENTOUT
PB6
-
TIM16_CH1N
TIM4_CH1
-
I2C1_SCL
HDMI_CEC
I2C4_SCL
USART1_TX
LPUART1_TX
FDCAN2_TX
OCTOSPIM_
P1_NCS
DFSDM1_DATIN5
FMC_SDNE1
DCMI_D5/PSSI_D5
UART5_TX
EVENTOUT
PB7
-
TIM17_CH1N
TIM4_CH2
-
I2C1_SDA
-
I2C4_SDA
USART1_RX
LPUART1_RX
-
-
DFSDM1_CKIN5
FMC_NL
DCMI_VSYNC/
PSSI_RDY
-
EVENTOUT
PB8
-
TIM16_CH1
TIM4_CH3
DFSDM1_CKIN7
I2C1_SCL
-
I2C4_SCL
SDMMC1_CKIN
UART4_RX
FDCAN1_RX
SDMMC2_D4
-
SDMMC1_D4
DCMI_D6/PSSI_D6
LCD_B6
EVENTOUT
PB9
-
TIM17_CH1
TIM4_CH4
DFSDM1_DATIN7
I2C1_SDA
SPI2_SS/
I2S2_WS
I2C4_SDA
SDMMC1_CDIR
UART4_TX
FDCAN1_TX
SDMMC2_D5
I2C4_SMBA
SDMMC1_D5
DCMI_D7/PSSI_D7
LCD_B7
EVENTOUT
PB10
-
TIM2_CH3
-
LPTIM2_IN1
I2C2_SCL
SPI2_SCK/
I2S2_CK
DFSDM1_DATIN7
USART3_TX
-
OCTOSPIM_
P1_NCS
OTG_HS_
ULPI_D3
-
-
-
LCD_G4
EVENTOUT
PB11
-
TIM2_CH4
-
LPTIM2_ETR
I2C2_SDA
-
DFSDM1_CKIN7
USART3_RX
-
-
OTG_HS_
ULPI_D4
-
-
-
LCD_G5
EVENTOUT
PB12
-
TIM1_BKIN
-
OCTOSPIM_
P1_NCLK
I2C2_SMBA
SPI2_SS/
I2S2_WS
DFSDM1_DATIN1
USART3_CK
-
FDCAN2_RX
OTG_HS_
ULPI_D5
DFSDM2_DATIN1
-
TIM1_BKIN_COMP12
UART5_RX
EVENTOUT
PB13
-
TIM1_CH1N
-
LPTIM2_OUT
DFSDM2_CKIN1
SPI2_SCK/
I2S2_CK
DFSDM1_CKIN1
USART3_CTS/
USART3_NSS
-
FDCAN2_TX
OTG_HS_
ULPI_D6
-
SDMMC1_D0
DCMI_D2/PSSI_D2
UART5_TX
EVENTOUT
PB14
-
TIM1_CH2N
TIM12_CH1
TIM8_CH2N
USART1_TX
SPI2_MISO/
I2S2_SDI
DFSDM1_DATIN2
USART3_RTS
UART4_RTS
SDMMC2_D0
-
-
-
-
LCD_CLK
EVENTOUT
PB15
RTC_REFIN
TIM1_CH3N
TIM12_CH2
TIM8_CH3N
USART1_RX
SPI2_MOSI/
I2S2_SDO
DFSDM1_CKIN2
-
UART4_CTS
SDMMC2_D1
-
-
-
-
LCD_G7
EVENTOUT