| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SH33F2801P/032PR Datasheet(PDF) 97 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH33F2801P/032PR Datasheet(HTML) 97 Page - SINOWEALTH Electronic Ltd |
|
97 / 407 page ![]() SH33F2801 97 4 PHDR2 Port x pull-up configuration is configured by software 0: No pull-up (reset state) 1: Pull-up 3 Reserved - 2 PHDR1 Port x pull-up configuration is configured by software 0: No pull-up (reset state) 1: Pull-up 1 Reserved - 0 PHDR0 Port x pull-up configuration is configured by software 0: No pull-up (reset state) 1: Pull-up 13.4.10 Port X Partial Pin TTL Level Selection Register (GPIOBx_TTLEN) Offset Address: 0x0024 + 0x080*x Reset Value: 0x0000 0000 b31 b30 b29 b28 b27 b26 b25 b24 b23 b22 b21 b20 b19 b18 b17 b16 Reserved - 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 Rese rved TTL EN1 4 TTL EN1 3 TTL EN1 2 TTL EN1 1 Rese rved TTL EN9 Reserved TTL EN6 Reserved TTL EN2 TTL EN1 TTL EN0 - RW RW RW RW - RW - RW - RW RW RW 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Bit Sign Description 31 ~ 15 Reserved - 14 TTLEN14 PA14 pin TTL/CMOS input selection 0: Selects CMOS input 1: Selects TTL input See “Electrical Characteristics” for TTL parameters, nothing will be done in stop mode. 13 TTLEN13 PA13 pin TTL/CMOS input selection 0: Selects CMOS input 1: Selects TTL input See “Electrical Characteristics” for TTL parameters, nothing will be done in stop mode. 12 TTLEN12 PA12 pin TTL/CMOS input selection 0: Selects CMOS input 1: Selects TTL input See “Electrical Characteristics” for TTL parameters, nothing will be done in stop mode. 11 TTLEN11 PA11 pin TTL/CMOS input selection 0: Selects CMOS input 1: Selects TTL input See “Electrical Characteristics” for TTL parameters, nothing will be done in stop mode. 10 Reserved - 9 TTLEN9 PA9 pin TTL/CMOS input selection 0: Selects CMOS input 1: Selects TTL input See “Electrical Characteristics” for TTL parameters, nothing will be done in stop mode. |