Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SH33F2801P/032PR Datasheet(PDF) 47 Page - SINOWEALTH Electronic Ltd

No. de pieza SH33F2801P/032PR
Descripción Electrónicos  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SINOWEALTH [SINOWEALTH Electronic Ltd]
Página de inicio  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Datasheet(HTML) 47 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 407 page
background image
SH33F2801
47
9.
Power Control (PWR)
The system operating voltage (VDD) of SH33F2801 is 2.4 to 5.5V. An embedded linear voltage regulator is used to supply
the system core power.
The SH33F2801 has a complete set of power-on reset and brownout detection (BOD) circuits, the BOD is important in
some battery applications.
9.1
Brownout Detection (BOD)
Enable by setting register
Both rising and falling can generate an interrupt
Adjustable voltage detection
Has hysteresis to reduce the impact of voltage fluctuations
Hardware debounce, debounce time is about
60μs
Wake-up stop mode
Brownout detection is used to monitor the supply voltage. If the voltage is above or below the specified value, an internal
flag is generated and an interrupt is generated. It is mainly used to detect changes in the voltage of power and is also used to
monitor the power supply of the system. In some applications, it can be used for low-voltage detection, and the system software
can take some protection measures according to it such as data backup, site retention, etc.
BOD can cause an NMI interrupt, enabled by the IEN_BOD@SYSCFG_SAFR control bit.
9.2
Low-voltage Reset (LVR)
In AC or high-capacity battery applications, switching on a large load can easily cause the MCU power supply to
temporarily fall below the set operating voltage. A low voltage reset means that the protection system generates a valid reset
below the set voltage.
 Can be chosen to be turned on via power control register, and can set LVR voltage via power control register
 Debounce time of LVR-TLVR is about 60µs.
 When power voltage is lower than the set voltage VLVR, internal reset will be generated.
After LVR function is turned on, it has the following features (t indicates the duration of which the voltage is lower than the
set voltage VLVR):
When VDD ≤ VLVR and t ≥ TLVR, system reset is generated.
When VDD > VLVR or VDD < VLVR, but the duration t < TLVR, system reset will not be generated.
9.3
Low Consumption Management
SH33F2801 can reduce system power consumption by:
Use low voltage power supply;
Lower system clock;
Turn off unused peripheral clocks on APB and AHB buses (default is off);
Lower the current on GPIO and peripheral interface circuits;
SH33F2801 supports two low power modes:
Sleep Mode: basic low power mode, the MCU core stops running, but the peripherals used, including the core
peripherals of the CPU, such as NVIC, SysTick, etc. are still running;
Stop Mode: deep low power mode, in addition to shutdown of the core, most of the peripherals used are stopped,
leaving only individual peripherals that are responsible for the wake-up task to keep running (clocks provided by
LSI), such as IWDT, BOD, LVR, etc.
Table9-1
Low Consumption Modes
Mode
Enter
Wake-Up
Wake-up Delay
Sleep
Mode
WFI/WFE, keep
SLEEPDEEP=0
Any interrupt/wake-up
event/reset signal
None
Stop
Mode
WFI/WFE, keep
SLEEPDEEP=1
Any external
interrupt/reset signal
1. HSI wake-up time;
2. HSE and PLL
wake-up time (if
used);
3. Core power supply
wake-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com