Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SH33F2801P/032PR Datasheet(PDF) 69 Page - SINOWEALTH Electronic Ltd

No. de pieza SH33F2801P/032PR
Descripción Electrónicos  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SINOWEALTH [SINOWEALTH Electronic Ltd]
Página de inicio  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Datasheet(HTML) 69 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 407 page
background image
SH33F2801
69
10.3.12 HSI Oscillator Calibration Register (RCC_HSICAL)
Offset Address: 0x0034
Reset Value:
0xXXXX XX00
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
TRIMR
UN
Reserved
TRIMREF[12:0]
RW
-
RO
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
HSICAL[7:0]
Reserved
HSITRIM[2:0]
RO
-
RW
X
X
X
X
X
X
X
X
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31
TRIMRUN
HSI user adjustment switch, can only be set to 1 by software, and cleared
by hardware or software
0: The operation has ended or not started
1: Start HSI ADJ, the flag is 1 during the calculation, and the flag is cleared
by hardware after the calculation is completed.
Note: Allowing clearing RUN during the calculation to force the calculation to
end.
30 ~ 29
Reserved
-
28 ~ 16
TRIMREF[12:0]
HSI user calibration parameter value
After the RUN operation is completed, the user can read the HSI user
calibration parameter value from this register.
(HSI count HSE division source)
15 ~ 8
HSICAL[7:0]
Internal high frequency RC oscillator calibration
These bits are automatically initialized at system startup
7 ~ 3
Reserved
-
2 ~ 0
HSITRIM[2:0]
Internal high frequency RC oscillator adjustment
Write by software to adjust the HSI frequency, which are superimposed on the
HSICAL[7:0] value.
These bits are based on HSICAL[7:0], allowing the user to enter an adjustment
value to adjust the frequency of the internal HSI RC oscillator based on voltage
and temperature changes.
000: +0 (default)
001: +0.25%
010: +0.5%
011: +0.75%
100: -1%
101: -0.75%
110: -0.5%
111: -0.25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com