Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SH33F2801P/032PR Datasheet(PDF) 57 Page - SINOWEALTH Electronic Ltd

No. de pieza SH33F2801P/032PR
Descripción Electrónicos  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SINOWEALTH [SINOWEALTH Electronic Ltd]
Página de inicio  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Datasheet(HTML) 57 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 407 page
background image
SH33F2801
57
1 ~ 0
SW[1:0]
System clock switch
Set to ‘1’ or cleared by software to select the system clock source.
00: HSI as the system clock
01: HSE as the system clock
1x: PLL output as system clock
10.3.2
Clock Configuration Register (RCC_CFGR)
Offset Address: 0x0004
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
HSE
16M
PLL
XTP
RE
PLL
SRC
PLLF[5:0]
-
RW
RW
RW
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
PLLF[5:0]
PLLK[2:0]
Reserved
PPRE[2:0]
HPRE[2:0]
RW
RW
-
RW
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 20
Reserved
-
20
HSEM
Crystal oscillator high frequency mode
0: Crystal oscillator high frequency mode is off
1: Crystal oscillator high frequency mode is on
19
PLLXTPRE
Pre-divider for PLL entry
After being divided by setting to ‘1’ or clearing by software, it is used as a PLL
input clock.
This bit can only be written when the PLL is turned off.
0: No pre-division
1: 2 frequency division
18
PLLSRC
PLL entry clock source
Set to ‘1’ or cleared by software to select the PLL input clock source.
This bit can only be written when the PLL is turned off.
0: HSI clock as PLL input clock
1: HSE clock as PLL input clock
17 ~ 12
PLLF[5:0]
PLL multiplication factor F
Determine the PLL multiplier parameter by software settings
This can be written only when the PLL is turned off.
000000: F=15
000001: F=16
000010: F=17
... ...
111101: F=76
111110: F=77
111111: F=78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com