Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG484I Datasheet(PDF) 14 Page - Microchip Technology

No. de pieza MPFS250T-FCVG484I
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Datasheet(HTML) 14 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 10Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 11Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 12Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 13Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 14Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 15Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 16Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 17Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
Condition (V)
AC (VIN) Overshoot Duration as % at TJ = 100 °C
1.95
100
2
100
2.05
100
2.1
100
2.15
100
2.2
100
2.25
90
2.3
30
2.35
7.5
2.4
1.9
Note: Overshoot level is for VDDI at 1.8 V.
The following table lists the maximum AC input voltage (VIN) undershoot duration for HSIO.
Table 9 • Maximum Undershoot During Transitions for HSIO
Condition (V)
AC (VIN) Undershoot Duration as % at TJ = 100 °C
–0.05
100
–0.1
100
–0.15
100
–0.2
100
–0.25
100
–0.3
100
–0.35
100
–0.4
100
–0.45
44
–0.5
14
–0.55
4.8
–0.6
1.6
The following table lists the maximum AC input voltage (VIN) overshoot duration for GPIO.
10
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com