Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG484I Datasheet(PDF) 56 Page - Microchip Technology

No. de pieza MPFS250T-FCVG484I
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Datasheet(HTML) 56 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 52Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 53Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 54Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 55Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 56Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 57Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 58Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 59Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
Unit
–1
STD
Standard
Mbps
1066
1066
HSTL135II
Mbps
1066
1066
HSTL135I (differential)
Mbps
1066
1066
HSTL135II (differential)
Mbps
400
400
HSUL18I
Mbps
400
400
HSUL18II
Mbps
400
400
HSUL18I (differential)
Mbps
400
400
HSUL18II (differential)
Mbps
1333
1066
HSUL12I
Mbps
1333
1066
HSUL12I (differential)
Mbps
1266
1066
HSTL12I
Mbps
1266
1066
HSTL12II
Mbps
1266
1066
HSTL12I (differential)
Mbps
1266
1066
HSTL12II (differential)
Mbps
1600
1333
POD12I
Mbps
1600
1333
POD12II
Mbps
500
500
LVCMOS18 (12 mA)
Mbps
500
500
LVCMOS15 (10 mA)
Mbps
300
250
LVCMOS12 (8 mA)
Table 62 • GPIO Maximum Output Buffer Speed
Unit
–1
STD
Standard
Mbps
1250
1250
LVDS25/LCMDS25
Mbps
1600
1250
LVDS33/LCMDS33
Mbps
800
800
RSDS25
Mbps
800
800
MINILVDS25
Mbps
800
800
SUBLVDS25
Mbps
800
800
PPDS25
Mbps
500
500
SLVSE15
Mbps
500
500
BUSLVDSE25
52
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com