Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG484I Datasheet(PDF) 73 Page - Microchip Technology

No. de pieza MPFS250T-FCVG484I
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Datasheet(HTML) 73 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 69Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 70Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 71Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 72Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 73Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 74Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 75Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 76Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
Condition
Unit
V DD = 1.05 V – 1
V DD = 1.05 V – STD
V DD = 1.0 V – 1
V DD = 1.0 V – STD
Two-port non-
pipelined ECC
MHz
285
193
285
193
mode, non-
pipelined, and
read-before-write
The following table lists the maximum operating frequency (FMAX) of the µSRAM block in the industrial
temperature range (–40 °C to 100 °C).
Table 81 • µSRAM Performance
Condition
Unit
V DD = 1.05 V
– 1
V DD = 1.05 V
– STD
V DD = 1.0 V –
1
V DD = 1.0 V –
STD
Symbol
Parameter
Write-port
MHz
480
450
415
400
FMAX
Operating fre-
quency
Read-port
ns
2
2
Tac
Read access
time
The following table lists the maximum operating frequency (FMAX) of the µPROM block in the industrial
temperature range (–40 °C to 100 °C).
Table 82 • µPROM Performance
Unit
V DD = 1.05 V –
1
V DD = 1.05 V –
STD
V DD = 1.0 V – 1
V DD= 1.0 V – ST-
D
Symbol
Parameter
ns
10
10
10
10
Tac
Read access
time
6.5
Transceiver Switching Characteristics
This section describes transceiver switching characteristics.
6.5.1
Transceiver Performance
The following table describes transceiver performance.
Table 83 • PolarFire SoC Transceiver and TXPLL Performance
Unit
–1 Max
–1 Typ
–1 Min
STD Max
STD Typ
STD Min
Symbol
Parameter
Gbps
12.7
0.25
10.3125
0.25
FTXRate
Tx data
rate
1,2
Gbps
1.5
DC
1.5
DC
FTXRateOOB
Tx OOB (se-
rializer by-
pass) data
rate
Gbps
12.7
0.25
10.3125
0.25
FRxRateAC
Rx data rate
when AC
coupled
2
69
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com