Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG484I Datasheet(PDF) 61 Page - Microchip Technology

No. de pieza MPFS250T-FCVG484I
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Datasheet(HTML) 61 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 57Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 58Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 59Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 60Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 61Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 62Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 63Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 64Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
Clock-to-D-
ata Condi-
tion
–1 (Mbps)
STD (Mbps)
–1 (MHz)
STD (MHz)
I/O Type
Topology
Interface N-
ame
Parameter
gional fab-
ric clock
From a HS_
IO_CLK
540
440
270
220
HSIO
Rx DDR digi-
tal mode
RX_DDRX_
B_R_A
Input FMAX
4:1 Input
FMAX 5:1
500
410
250
205
GPIO
clock
source,
aligned, re-
gional fab-
ric clock
From a HS_
IO_CLK
540
440
270
220
HSIO
Rx DDR digi-
tal mode
RX_DDRX_
B_R_C
Input FMAX
2:1
500
410
250
205
GPIO
clock
source, cen-
tered, re-
gional fab-
ric clock
From a HS_
IO_CLK
540
440
270
220
HSIO
Rx DDR digi-
tal mode
RX_DDRX_
B_R_C
Input FMAX
4:1 Input
FMAX 5:1
500
410
250
205
GPIO
clock
source, cen-
tered, re-
gional fab-
ric clock
1. VID ≥ 200 mV, VICM ≥100 mV, Tj=0.4 UI.
2. A centered clock-to-data interface can be created with a negedge launch of the data.
Table 67 • I/O Digital Transmit Single Data Rate Switching Characteristics
Forwarded
Clock-to-D-
ata Skew
–1 (Mbps)
STD (Mbps)
–1 (MHz)
STD (MHz)
I/O Type
Topology
Interface N-
ame
Parameter
From a
global clock
500
500
500
500
HSIO, GPIO
Tx SDR
TX_SDR_G_
A
Output FMA-
X
source,
aligned
1
From a
global clock
500
500
500
500
HSIO, GPIO
Tx SDR
TX_SDR_G_
C
source, cen-
tered
1
1. A centered clock-to-data interface can be created with a negedge launch of the data.
Table 68 • I/O Digital Transmit Double Data Rate Switching Characteristics
Forwarded
Clock-to-D-
ata Skew
–1 (Mbps)
STD (Mbps)
–1 (MHz)
STD (MHz)
I/O Type
Topology
Interface N-
ame
Parameter
From a
global clock
1000
1000
500
500
HSIO, GPIO
Tx DDR
TX_DDR_G_
A
Output FMA-
X
57
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com