Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESPP-MIT1 Datasheet(PDF) 2 Page - ES Systems

No. de pieza ESPP-MIT1
Descripción Electrónicos  Strain Gauge Pressure Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ES [ES Systems]
Página de inicio  https://esenssys.com/
Logo ES - ES Systems

ESPP-MIT1 Datasheet(HTML) 2 Page - ES Systems

  ESPP-MIT1 Datasheet HTML 1Page - ES Systems ESPP-MIT1 Datasheet HTML 2Page - ES Systems ESPP-MIT1 Datasheet HTML 3Page - ES Systems ESPP-MIT1 Datasheet HTML 4Page - ES Systems ESPP-MIT1 Datasheet HTML 5Page - ES Systems ESPP-MIT1 Datasheet HTML 6Page - ES Systems ESPP-MIT1 Datasheet HTML 7Page - ES Systems ESPP-MIT1 Datasheet HTML 8Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet ESPP-MIT1
2/8
1. Operating Specifications
Characteristic
Unit
Min.
Typ.
Max.
Pressure Type
Gauge
-
Pressure Range
Up to 1000
bar
Power Supply (Vsupply)
+8
+28
V
Current Consumption
4
mA
Total Error Band1
-
±1.0
%F.S.2
Operating temperature range3
-40[-40]
-
+125[257]
o
C[oF]
Compensated temperature range4
-10[14]
-
80[176]
o
C[oF]
Storage temperature range
-40[-40]
-
+125[257]
o
C[oF]
Output
Calibrated Pressure
-
Output Interface (Out)
4-20mA, 0.5-4.5V, 1-5V, 0-5V5
-
Current Output Load Resistance
(Vsupply – 8) / 0.02
Ohm
Voltage Output Load Resistance
10K
Ohm
Response Time6
50
msec
Warm-up Time7
100
msec
Media Compatibility
Gases, Liquids
-
Material
Stainless Steel 17-4PH
-
IP rating
IP65
-
Certifications
CE, RoHS, REACH
-
O-ring sealing
Viton
-
1
Total Error Band: The maximum deviation from ideal transfer function over the entire compensated temperature and
pressure range. Includes all errors due to offset, full scale span, pressure non-linearity, pressure hysteresis,
repeatability, thermal effect on offset, thermal effect on span and thermal hysteresis
2
% of the full scale pressure range
3
Operating temperature range: The temperature range over which the sensor will produce an output proportional to
pressure
4
Compensated temperature range: The temperature range over which the sensor will produce an output proportional
to pressure within the specified performance limits.
5
For 0-5V output, Vsupply is +11V to +28V.
6
Response Time: The time it takes for the electrical output to go from 10%FS signal to 90%FS signal and vice versa.
7
Warm-up Time: Time to the first valid pressure measurement after power is applied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com