Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESPP-MIT1 Datasheet(PDF) 4 Page - ES Systems

No. de pieza ESPP-MIT1
Descripción Electrónicos  Strain Gauge Pressure Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ES [ES Systems]
Página de inicio  https://esenssys.com/
Logo ES - ES Systems

ESPP-MIT1 Datasheet(HTML) 4 Page - ES Systems

  ESPP-MIT1 Datasheet HTML 1Page - ES Systems ESPP-MIT1 Datasheet HTML 2Page - ES Systems ESPP-MIT1 Datasheet HTML 3Page - ES Systems ESPP-MIT1 Datasheet HTML 4Page - ES Systems ESPP-MIT1 Datasheet HTML 5Page - ES Systems ESPP-MIT1 Datasheet HTML 6Page - ES Systems ESPP-MIT1 Datasheet HTML 7Page - ES Systems ESPP-MIT1 Datasheet HTML 8Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet ESPP-MIT1
4/8
4. Output Type
5. Electrical Connector & Mechanical Dimensions
01. M12
02. ISO4400
03. Cable
04. Packard
In order to calculate the total height of each of the options above, the height of the mechanical dimensions must be
added to the height of the process interface (see section 5).
01. M12
02. ISO4400 (Form C )
03. Cable (0.5m)
04. Packard
Current
Voltage
Current
Voltage
Current
Voltage
Current
Voltage
Vsupply1
1
1
1
1
Black
Black
1
1
Gnd1
-
2
-
2
-
Yellow
-
2
Out
3
3
2
3
Red
Red
3
3
Chassis
-
-
3
4
-
-
-
-
1
Note that Vsupply & Gnd are reverse polarity protected
1
Note all dimensions are in millimeters (mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com