Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESPP-MIT1 Datasheet(PDF) 1 Page - ES Systems

No. de pieza ESPP-MIT1
Descripción Electrónicos  Strain Gauge Pressure Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ES [ES Systems]
Página de inicio  https://esenssys.com/
Logo ES - ES Systems

ESPP-MIT1 Datasheet(HTML) 1 Page - ES Systems

  ESPP-MIT1 Datasheet HTML 1Page - ES Systems ESPP-MIT1 Datasheet HTML 2Page - ES Systems ESPP-MIT1 Datasheet HTML 3Page - ES Systems ESPP-MIT1 Datasheet HTML 4Page - ES Systems ESPP-MIT1 Datasheet HTML 5Page - ES Systems ESPP-MIT1 Datasheet HTML 6Page - ES Systems ESPP-MIT1 Datasheet HTML 7Page - ES Systems ESPP-MIT1 Datasheet HTML 8Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
v1.5
Datasheet ESPP-MIT1
Excellent performance at very low cost
Micro-fused technology
Pressure Type: Gauge
Calibrated & temperature compensated output
Full Scale (FS) Pressure Range: from 7 to 1000 bar
Analog Output: 4-20mA, 05.-4.5V, 1-5V, 0-5V
Compensation temperature: -10oC ... 80oC
Operating temperature: -40oC … 125oC
Total error: ≤ ±1%FS
Integrated stainless steel construction, full sealed (IP65)
Compact structure
Wide range of process interfaces
Typical Applications
Central air conditioning control systems
Engineering machinery
Energy & water treatment systems
Hydraulic & pneumatic systems
Industrial process control & automatic detection systems
Pumps & compressors
Refrigeration systems
Product Summary
ES Systems has developed a series of pressure sensor transmitters featuring very good
accuracy at low cost. Each module is based on all welded hermetically sealed structure in a
single stainless-steel piece. The ESPP-MIT1 is a medium isolated pressure sensor suitable for
gas or fluid pressure measurements in harsh environments.
The output is fully calibrated and temperature compensated based on the internal
temperature sensor and the factory calibration coefficients which are stored in the embedded
memory. Thus, the transducer is ready to be installed directly to the end user system without
further processing.
ESPP-MIT1 comes with a variety of electrical interfaces output signal types and process
interfaces. It is one of the most cost-effective solutions especially when high volumes are
required.
Strain Gauge Pressure Transmitter


Número de pieza similar - ESPP-MIT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
ESP HAMMOND-ESP Datasheet
54Kb / 2P
Panneau pivotant Eclipse
logo
Bi technologies
ESP BITECH-ESP Datasheet
92Kb / 3P
Precision Potentiometer
logo
List of Unclassifed Man...
ESP-01 ETC2-ESP-01 Datasheet
861Kb / 19P
Disclaimer and Copyright Notice
logo
rfsolutions.ltd
ESP-07S RFSOLUTIONS-ESP-07S Datasheet
1Mb / 18P
ESP-07S User Manual
REV:1.0
logo
Laird Tech Smart Techno...
ESP-100-POE LSTD-ESP-100-POE Datasheet
362Kb / 2P
Complies with IEC 61643-21 standard
More results

Descripción similar - ESPP-MIT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
JH4051I ETC2-JH4051I Datasheet
95Kb / 2P
PLUG-N-PLAY STRAIN GAUGE TRANSMITTER
logo
Fuji Electric
EDS5-54A FUJI-EDS5-54A Datasheet
194Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
logo
Pepperl+Fuchs Inc.
KFD2-WAC2-EX1.D PF-KFD2-WAC2-EX1.D Datasheet
1Mb / 6P
Strain Gauge Converter
KFD2-WAC2-1.D PF-KFD2-WAC2-1.D Datasheet
821Kb / 5P
Strain Gauge Converter
2021-12-10
KFD2-WAC2-EX1.D-Y1 PF-KFD2-WAC2-EX1.D-Y1 Datasheet
1Mb / 6P
Strain Gauge Converter
2021-11-25
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com