Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESPP-MIT1 Datasheet(PDF) 7 Page - ES Systems

No. de pieza ESPP-MIT1
Descripción Electrónicos  Strain Gauge Pressure Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ES [ES Systems]
Página de inicio  https://esenssys.com/
Logo ES - ES Systems

ESPP-MIT1 Datasheet(HTML) 7 Page - ES Systems

  ESPP-MIT1 Datasheet HTML 1Page - ES Systems ESPP-MIT1 Datasheet HTML 2Page - ES Systems ESPP-MIT1 Datasheet HTML 3Page - ES Systems ESPP-MIT1 Datasheet HTML 4Page - ES Systems ESPP-MIT1 Datasheet HTML 5Page - ES Systems ESPP-MIT1 Datasheet HTML 6Page - ES Systems ESPP-MIT1 Datasheet HTML 7Page - ES Systems ESPP-MIT1 Datasheet HTML 8Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet ESPP-MIT1
7/8
8. Ordering Information
ESPP-MIT1-NNNNNN-NN-NN-NN
Pressure Range Full Scale
0007BG
7 bar
0010BG
10 bar
0016BG
16 bar
0030BG
30 bar
0050BG
50 bar
0100BG
100 bar
0150BG
150 bar
0250BG
250 bar
0300BG
300 bar
0350BG
350 bar
0400BG
400 bar
0600BG
600 bar
0800BG
800 bar
1000BG
1000 bar
Process Interface
01
1/2” NPT male
02
1/4” NPT male
03
G1/2” male
04
G1/4” male
05
1/8” NPT male
06
G1/8” male
07
G3/8” male
08
1/4” NPT female
09
1/8” NPT female
10
G1/4” female
11
R1/4” male
12
7/16-20 UNF-2B
13
M12x1 male
14
M14x1.5 male
15
M20x1.5 male
Connector
01
M12
02
ISO4400
03
Cable (0.5m)
04
Packard
Output Type
01 4-20mA
02 0.5-4.5V
03 1-5V
04 0-5V
Output Type
Equation
Option
4-20mA
01.
0.5 - 4.5V
02
1- 5V
03
0- 5V
04
7. Pressure Conversion Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com