Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13344 Datasheet(PDF) 1 Page - Qorvo, Inc

No. de pieza QM13344
Descripción Electrónicos  4xSPST (Single-Pole-Single-Throw Switch)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13344 Datasheet(HTML) 1 Page - Qorvo, Inc

  QM13344 Datasheet HTML 1Page - Qorvo, Inc QM13344 Datasheet HTML 2Page - Qorvo, Inc QM13344 Datasheet HTML 3Page - Qorvo, Inc QM13344 Datasheet HTML 4Page - Qorvo, Inc QM13344 Datasheet HTML 5Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QM13344
4xSPST (Single-Pole-Single-Throw Switch)
ADVANCE
D
QM13344 Product Brief
1 of 5
www.qorvo.com
ADVANCED
PRELIMINARY
Product Overview
QM13344 is the smallest 4xSPST with VRF >80Vp and very low
COFF. Excellent performance in a small solution size enables
creation
of
antenna
tuning
solutions
optimum
for
5G
applications.
Functional Block Diagram
TOP VIEW
RFFE Interface & Control
GND
GND
10 Pin 1.1 x 1.5 x 0.4 mm Module Package
Key Features
• Very low COFF: <95fF
• Low On-Resistance, 2.15 Ω
• Very high RF voltage handling capability: >80Vp
• 3 unique selectable USID using external pin, ID
• Small size 1.1mm x 1.5mm, module package
• > 2kV HBM ESD Protection on all pins
• RFFE 2.1 capable
• Suitable for all mobile applications including 5G & WiFi with
broadband performance up to 10GHz
Applications
• Antenna Tuning
• Band Switching
• Impedance Tuning
Ordering Information
Part Number
Description
QM13344SB
5-pc Sample Bag
QM13344SR
100-
pc, 7” Reel
QM13344TR13
10000-
pc, 13” Reel
QM13344DK
Design Kit with EVB and 5-pc
Sample Bag


Número de pieza similar - QM13344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qorvo, Inc
QM13341 QORVO-QM13341 Datasheet
428Kb / 6P
4xSPST (Single-Pole-Single-Throw Switch)
QM13341DK QORVO-QM13341DK Datasheet
428Kb / 6P
4xSPST (Single-Pole-Single-Throw Switch)
QM13341SB QORVO-QM13341SB Datasheet
428Kb / 6P
4xSPST (Single-Pole-Single-Throw Switch)
QM13341SR QORVO-QM13341SR Datasheet
428Kb / 6P
4xSPST (Single-Pole-Single-Throw Switch)
QM13341TR13-10K QORVO-QM13341TR13-10K Datasheet
428Kb / 6P
4xSPST (Single-Pole-Single-Throw Switch)
More results

Descripción similar - QM13344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
Single-pole single-throw analog switch
logo
Qorvo, Inc
QM13341 QORVO-QM13341 Datasheet
428Kb / 6P
4xSPST (Single-Pole-Single-Throw Switch)
QM13244 QORVO-QM13244 Datasheet
341Kb / 5P
4xSPST (Dual Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com